Part Number Hot Search : 
IC16F8 IRG4P OP501SLA C1501 V2100 X68C75J 05024 AS22AV
Product Description
Full Text Search
 

To Download OM5210SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM5209SC OM5211SC OM5213SC OM5210SC OM5212SC
DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
15 Amp, 50 To 400 Volts, 35 To 50 ns trr
FEATURES
* * * * * * * * Very Low Forward Voltage Very Fast Switching Time Hermetic 5-Pin Metal Package, JEDEC MO-078AA Outline Low Thermal Resistance Isolated Package High Surge Two Uncommitted Rectifiers Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at power switching frequencies in excess of 100 kHz. This series combines two uncommitted high efficiency devices into one package, simplifying installation, reducing heat sink hardware, and the need to obtain matched components. These devices are ideally suited for demanding applications where small size and a hermetically sealed package are required.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 400 V Maximum Average D.C. Output Current @ TC = 100 C . . . . . . . . . . . . . . . . . . . 15 A Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 150 A Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55 C to +150 C Z
3.2
SCHEMATIC
CONNECTION DIAGRAM
1
2
5
4
1 2345
4 11 R4 Supersedes 1 07 R3
3.2 - 49


▲Up To Search▲   

 
Price & Availability of OM5210SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X